PART |
Description |
Maker |
XRA1201PIL24TR-F XRA1201PIL24-F XRA1201PIG24-F XRA |
16-BIT I2C/SMBUS GPIO EXPANDER
|
Exar Corporation
|
MAX1022BETX MAX1021 MAX1023BETX MAX1020BETX MAX102 |
10-Bit / Multichannel ADCs/DACs with FIFO / Temperature Sensing / and GPIO Ports 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports 10位、多通道ADC/DAC,带有FIFO、温度传感器GPIO端口
|
Maxim Integrated Products, Inc.
|
DS2465P DS246513 DS2465PT MAX7327AEG MAX7327ATG MA |
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os 4 I/O, PIA-GENERAL PURPOSE, PDSO24 I<sup>2</sup>C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os 4 I/O, PIA-GENERAL PURPOSE, QCC24 2-Wire-Interfaced, 16-Bit, I/O Port Expander with Interrupt and Hot-Insertion Protection 16 I/O, PIA-GENERAL PURPOSE, PDSO24 I<sup>2</sup>C Port Expanders with Eight I/O Ports 8 I/O, PIA-GENERAL PURPOSE, PDSO16 I<sup>2</sup>C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC44 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC32
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX11312GTJ |
PIXI, 12-Port Programmable Mixed-Signal I/O with 12-Bit ADC, 12-Bit DAC, Analog Switches, and GPIO
|
MAXIM - Dallas Semiconductor
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
IS25C128-2WLI IS25C128-3WLA3 IS25C128-3GLA3 |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
AT25F2048 |
2M-bit, SPI Bus Serial Flash, High-speed, SPI Mode 0 and 3
|
Atmel
|
AT25F1024 |
1 M-bit, SPI Bus Serial Flash, High-speed, SPI Mode 0 and 3
|
Atmel
|
AD5684BRUZ AD5684ARUZ-RL7 AD5684BCPZ-RL7 AD5684BRU |
Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC with SPI Interface Quad, 16-/12-Bit nanoDAC with SPI Interface
|
Analog Devices
|
|